PART |
Description |
Maker |
1N5651/1 1N5649A 1N5648 1N5655A 1N5658 1N5646 1N56 |
Diode TVS Single Uni-Dir 45.4V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 40.2V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 38.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 34.8V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 70.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 89.2V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 29.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 121V 1.5KW 2-Pin DO-13
|
New Jersey Semiconductor
|
1N5651B 1N5635B |
Diode TVS Single Uni-Dir 45.4V 1.5KW 2-Pin DO-13 Bulk Diode TVS Single Uni-Dir 9.72V 1.5KW 2-Pin DO-13 Bulk
|
New Jersey Semiconductors
|
NTE2945 |
SM DIO/SMBJ12A SMB UNI-DIR MOSFET的N沟道,增强模式高速开 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
30KP250 30KP320CA 30KP26A 30KP26C |
30KW TRANSIENT VOLTAGE SUPPRESSOR Diode TVS Single Bi-Dir 320V 30KW 2-Pin Case D-6 Diode TVS Single Uni-Dir 26V 30KW 2-Pin Case D-6 Diode TVS Single Bi-Dir 26V 30KW 2-Pin Case D-6
|
New Jersey Semiconductor
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SMBJ85CA-13 SMBJ150A-13 |
TVS BI-DIR 85V 600W SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes, Inc. DIODES INC
|
P6SMB68A P6SMB100A P6SMB7.5A P6SMB6.8A P6SMB8.2A P |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 6.8 THRU 200 VOLTS UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS TVS: Unidirectional
|
http:// Central Semiconductor Corp. Taiwan Semiconductor
|
CMLT8099 |
SURFACE MOUNT SILICON UNI-DIRECTIONAL 5.0 VOLT, 4-LINE TVS ARRAY
|
Central Semiconductor Corp
|
SMBG150A SMBG130 SMBG130A SMBG80A SMBG10 SMBG9.0 S |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
Microsemi Corporation
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|